Part Number Hot Search : 
OP1338T 1N3664 TEA5767 BYD67A RF201 SH3000EK F9Z34 HMC14
Product Description
Full Text Search
 

To Download B41112A9226M000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Aluminum electrolytic capacitors Alu-X product lines
SMD capacitors
Series/Type:
Data Sheet Date:
B41112 April 2008
(c) EPCOS AG 2008. Reproduction, publication and dissemination of this publication and the information contained therein without EPCOS' prior express consent is prohibited.
SMD capacitors Standard series - 85 C
General-purpose grade capacitors Applications For general-purpose applications in the entertainment industry Features Miniaturized dimensions RoHS-compatible Load life of 2000 h at 85 C Suitable for reflow soldering
B41112
Construction Surface mounting device Minus pole marking on the case Delivery mode Taped and reeled Specifications and characteristics in brief Rated voltage VR Operating temperature range Rated capacitance CR (20 C, 120 Hz) Capacitance tolerance Load life (85 C, VR) 4 ... 100 V DC -40 C ... +85 C 0.1 ... 1500 F 20% 2000 h M Requirements: C/C 20% of initial value (4 V: within 25% of the initial value) tan 2 times initial specified limit Ileak initial specified limit
Leakage current Ileak (20 C, after 2 minutes) Low temperature stability (impedance ratio) (120 Hz)
CR VR I leak 0.01 A ------- ------ or 3 A, whichever is greater F V VR (V DC) Z ( - 25 C ) <8 -------------------------Z ( +20 C ) 8 Z ( - 40 C ) <8 -------------------------Z ( +20 C ) 8 4 6.3 7 7 15 15 4 5 8 10 10 3 4 8 8 16 2 3 4 6 25 2 2 4 4 35 2 2 3 3 50 2 2 3 3 63 2 2 3 3 100 2 2 3 3
Shelf life
After storage for 1000 h at 85 C, the capacitors shall meet the requirement of load life test after reforming process. After test: VR to be applied for 30 minutes, 24 to 48 hours before measurement. 50 Hz 0.70 120 Hz 1.00 300 Hz 1.17 1 kHz 1.36 10 kHz 1.50
Frequency multiplier for rated ripple current
Please read Cautions and warnings and Important notes at the end of this document.
2
04/08
SMD capacitors Standard series - 85 C
Dimensional drawings d x l (mm) 4 x 5.4 ... 8 x 6.2:
_ 0.2 l +0.1
B41112
Bottom View C0.2 4
(l0.3)*
od0.5
B0.2
0.5 max.
H 3
1
0.3 max.
2
KAL1134-F
* Applies to 6.3 x 5.8 mm, 6.3 x 7.7 mm and 8 x 6.2 mm d x l (mm) 8 x 10 ... 10 x 10:
l0.5
Bottom View C0.2 4
od0.5
B0.2
0.5 max.
1
0.3 max.
2
H
3
KAL1132-Y

Case Terminal base board Minus pole Plus pole
Case dimensions 4 x 5.4 d x l (mm) A B C E H 1.8 4.3 4.3 1.0
5 x 5.4 6.3 x 5.4 6.3 x 5.8 6.3 x 7.7 8 x 6.2 2.1 5.3 5.3 1.3 2.4 6.6 6.6 2.2 2.4 6.6 6.6 2.2 2.4 6.6 6.6 2.2 3.3 8.3 8.3 2.3
A0.2
E
A0.2
A0.2
E
A0.2
0.5 ... 0.8
Please read Cautions and warnings and Important notes at the end of this document.
+
_
+
_
8 x 10 2.9 8.3 8.3 3.1
10 x 10 3.2 10.3 10.3 4.5
0.8 ... 1.1
3
04/08
SMD capacitors Standard series - 85 C
Layout recommendation d x l (mm) 4.0 x 5.4 5.0 x 5.4 6.3 x 5.4 6.3 x 5.8 6.3 x 7.7 8.0 x 6.2
X
KAL1109-Z
B41112
X 1.6 1.6 1.6 1.6 1.6 2.5 2.5 2.5
Y 2.6 3.0 3.5 3.5 3.5 4.0 3.5 4.0
a 1.0 1.4 2.1 2.1 2.1 2.1 3.0 4.0
Y
a
Y
8.0 x 10.0 10.0 x 10.0
Please read Cautions and warnings and Important notes at the end of this document.
4
04/08
SMD capacitors Standard series - 85 C
Overview of available types VR (V DC) CR (F) 4.7 10 22 33 47 56 100 4 4 5 5 x 5.4 x 5.4 x 5.4 x 5.4 4 4 5 4 5 x 5.4 x 5.4 x 5.4 x 5.4 x 5.4 4 5 4 5 x 5.4 x 5.4 x 5.4 x 5.4 4 4 5 x 5.4 x 5.4 x 5.4 4 4 5 4 6.3 10 16
B41112
25
Case dimensions d x l (mm) x 5.4 x 5.4 x 5.4
5 x 5.4 6.3 x 5.4 5 x 5.4 6.3 x 5.4 6.3 x 5.4 6.3 x 5.8 6.3 x 7.7 6.3 x 7.7 8 x 6.2 8 x 10 8 8 10 8 10 10 x 10 x 10 x 10 x 10 x 10 x 10
5 x 5.4 6.3 x 5.4 5 x 5.4 6.3 x 5.4 5 x 5.4 6.3 x 5.4 6.3 x 5.4 6.3 x 5.8 8 x 6.2 6.3 x 7.7 6.3 x 7.7 8 x 10 8 10 8 10 10 x 10 x 10 x 10 x 10 x 10
5 x 5.4 6.3 x 5.4 5 x 5.4 6.3 x 5.4 5 x 5.4 6.3 x 5.4 6.3 x 5.8 6.3 x 7.7 6.3 x 7.7 8 x 6.2 8 8 10 10 10 x 10 x 10 x 10 x 10 x 10
5 x 5.4 6.3 x 5.4 5 x 5.4 6.3 x 5.4 6.3 x 5.4 6.3 x 5.4 6.3 x 5.8 8 x 6.2 6.3 x 7.7 8 x 6.2 8 8 8 10 10 x 10 x 10 x 10 x 10 x 10
150 220
6.3 x 5.4 6.3 x 5.4 6.3 x 5.8 6.3 x 5.4 6.3 x 7.7 6.3 x 7.7 8 8 10 x 10 x 10 x 10
330 470 680 1000 1500
Please read Cautions and warnings and Important notes at the end of this document.
5
04/08
SMD capacitors Standard series - 85 C
Overview of available types VR (V DC) CR (F) 0.1 0.22 0.33 0.47 1.0 2.2 3.3 4.7 10 22 4 4 5 x 5.4 x 5.4 x 5.4 4 4 4 4 4 4 4 4 5 x 5.4 x 5.4 x 5.4 x 5.4 x 5.4 x 5.4 x 5.4 x 5.4 x 5.4 4 4 4 4 4 4 4 4 x 5.4 x 5.4 x 5.4 x 5.4 x 5.4 x 5.4 x 5.4 x 5.4 35 Case dimensions d x l (mm) 50 63
B41112
100
6.3 x 7.7 8 x 6.2 6.3 x 7.7 8 x 10 6.3 x 7.7 8 x 10 8 10 10 x 10 x 10 x 10
5 x 5.4 6.3 x 5.4 6.3 x 5.4 6.3 x 5.8 8 x 6.2 6.3 x 7.7 8 x 6.2 8 x 10 6.3 x 7.7 8 x 10 10 x 10 8 8 10 10 10 x 10 x 10 x 10 x 10 x 10
6.3 x 5.4 6.3 x 5.8 6.3 x 7.7 8 x 10 8 x 10
5 x 5.4 6.3 x 5.4 6.3 x 5.4 6.3 x 5.8 8 x 6.2 6.3 x 5.4 6.3 x 7.7 8 x 6.2 6.3 x 7.7 6.3 x 7.7 8 x 10 10 x 10 8 8 10 10 x 10 x 10 x 10 x 10
33
47
8
x 10
56 100
8 10
x 10 x 10
150 220 330
Please read Cautions and warnings and Important notes at the end of this document.
6
04/08
SMD capacitors Standard series - 85 C
Technical data and ordering codes VR V DC 4 CR 120 Hz 20 C F 33 47 56 100 150 220 220 330 330 470 680 1000 1500 22 33 33 47 47 56 56 100 100 150 220 220 220 330 330 470 680 1000 1000 1500 22 22 33 33 47 47 56 56 Case dimensions dxl mm 4 4 5 5 6.3 6.3 6.3 6.3 6.3 6.3 8 8 10 4 4 5 4 5 5 6.3 5 6.3 6.3 6.3 6.3 8 6.3 8 8 8 8 10 10 4 5 4 5 5 6.3 5 6.3 x 5.4 x 5.4 x 5.4 x 5.4 x 5.4 x 5.4 x 5.8 x 5.4 x 7.7 x 7.7 x 10 x 10 x 10 x 5.4 x 5.4 x 5.4 x 5.4 x 5.4 x 5.4 x 5.4 x 5.4 x 5.4 x 5.4 x 5.4 x 5.8 x 6.2 x 7.7 x 6.2 x 10 x 10 x 10 x 10 x 10 x x x x x x x x 5.4 5.4 5.4 5.4 5.4 5.4 5.4 5.4 tan max 120 Hz 20 C 0.35 0.35 0.35 0.35 0.35 0.35 0.35 0.50 0.35 0.35 0.35 0.35 0.35 0.26 0.35 0.26 0.35 0.26 0.35 0.26 0.35 0.26 0.35 0.35 0.35 0.35 0.35 0.35 0.35 0.35 0.35 0.35 0.35 0.30 0.20 0.30 0.20 0.30 0.26 0.30 0.26 IAC,R 120 Hz 85 C mA 28 33 42 56 79 96 99 98 140 200 284 344 347 28 34 37 40 45 46 52 47 70 71 86 89 103 125 127 265 318 372 400 489 30 33 34 41 47 52 50 57
B41112
Ordering code
B41112A1336M000 B41112A1476M000 B41112A1566M000 B41112A1107M000 B41112A1157M000 B41112A1227M000 B41112B1227M000 B41112A1337M000 B41112B1337M000 B41112A1477M000 B41112A1687M000 B41112A1108M000 B41112A1158M000 B41112A2226M000 B41112A2336M000 B41112B2336M000 B41112A2476M000 B41112B2476M000 B41112A2566M000 B41112B2566M000 B41112A2107M000 B41112B2107M000 B41112A2157M000 B41112A2227M000 B41112B2227M000 B41112C2227M000 B41112A2337M000 B41112B2337M000 B41112A2477M000 B41112A2687M000 B41112A2108M000 B41112B2108M000 B41112A2158M000 B41112A3226M000 B41112B3226M000 B41112A3336M000 B41112B3336M000 B41112A3476M000 B41112B3476M000 B41112A3566M000 B41112B3566M000
6.3
10
Please read Cautions and warnings and Important notes at the end of this document.
7
04/08
SMD capacitors Standard series - 85 C
Technical data and ordering codes VR V DC 10 CR 120 Hz 20 C F 100 100 100 150 220 220 330 470 470 680 1000 10 22 22 33 33 47 47 56 56 100 100 100 150 220 220 330 330 470 470 680 4.7 10 10 22 22 33 33 47 47 56 Case dimensions dxl mm 5 6.3 6.3 6.3 6.3 8 8 8 10 10 10 4 4 5 5 6.3 5 6.3 5 6.3 6.3 6.3 8 6.3 6.3 8 8 10 8 10 10 4 4 5 5 6.3 5 6.3 6.3 6.3 6.3 x 5.4 x 5.4 x 5.8 x 7.7 x 7.7 x 6.2 x 10 x 10 x 10 x 10 x 10 x 5.4 x 5.4 x 5.4 x 5.4 x 5.4 x 5.4 x 5.4 x 5.4 x 5.4 x 5.4 x 5.8 x 6.2 x 7.7 x 7.7 x 10 x 10 x 10 x 10 x 10 x 10 x x x x x x x x x x 5.4 5.4 5.4 5.4 5.4 5.4 5.4 5.4 5.8 7.7 tan max 120 Hz 20 C 0.30 0.26 0.26 0.26 0.26 0.26 0.26 0.26 0.26 0.26 0.26 0.16 0.26 0.16 0.26 0.16 0.26 0.16 0.26 0.20 0.26 0.26 0.20 0.26 0.26 0.20 0.20 0.20 0.20 0.20 0.20 0.14 0.14 0.12 0.20 0.14 0.20 0.14 0.20 0.20 0.20 IAC,R 120 Hz 85 C mA 54 76 78 76 119 121 240 290 327 393 454 23 30 37 44 49 52 58 57 63 86 89 125 135 162 215 270 380 307 330 396 16 24 27 38 42 46 52 60 62 65
B41112
Ordering code
B41112A3107M000 B41112B3107M000 B41112C3107M000 B41112A3157M000 B41112A3227M000 B41112B3227M000 B41112A3337M000 B41112A3477M000 B41112B3477M000 B41112A3687M000 B41112A3108M000 B41112A4106M000 B41112A4226M000 B41112B4226M000 B41112A4336M000 B41112B4336M000 B41112A4476M000 B41112B4476M000 B41112A4566M000 B41112B4566M000 B41112A4107M000 B41112B4107M000 B41112C4107M000 B41112A4157M000 B41112B4227M000 B41112A4227M000 B41112A4337M000 B41112B4337M000 B41112A4477M000 B41112B4477M000 B41112A4687M000 B41112A5475M000 B41112A5106M000 B41112B5106M000 B41112A5226M000 B41112B5226M000 B41112A5336M000 B41112B5336M000 B41112A5476M000 B41112B5476M000 B41112A5566M000
16
25
Please read Cautions and warnings and Important notes at the end of this document.
8
04/08
SMD capacitors Standard series - 85 C
Technical data and ordering codes VR V DC 25 CR 120 Hz 20 C F 100 100 100 150 220 220 330 330 470 4.7 10 10 22 22 33 33 33 47 47 47 56 100 100 100 150 220 220 330 0.1 0.22 0.33 0.47 1.0 2.2 3.3 4.7 4.7 10 10 22 22 Case dimensions dxl mm 6.3 8 8 8 8 10 8 10 10 4 4 5 5 6.3 6.3 6.3 8 6.3 6.3 8 6.3 6.3 8 10 8 8 10 10 4 4 4 4 4 4 4 4 5 5 6.3 6.3 6.3 x 7.7 x 6.2 x 10 x 10 x 10 x 10 x 10 x 10 x 10 x 5.4 x 5.4 x 5.4 x 5.4 x 5.4 x 5.4 x 5.8 x 6.2 x 5.4 x 7.7 x 6.2 x 7.7 x 7.7 x 10 x 10 x 10 x 10 x 10 x 10 x x x x x x x x x x x x x 5.4 5.4 5.4 5.4 5.4 5.4 5.4 5.4 5.4 5.4 5.4 5.4 5.8 tan max 120 Hz 20 C 0.20 0.16 0.16 0.16 0.16 0.16 0.16 0.16 0.16 0.12 0.16 0.12 0.16 0.12 0.16 0.16 0.14 0.16 0.16 0.14 0.16 0.16 0.14 0.14 0.14 0.14 0.14 0.14 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.14 0.12 0.14 0.12 0.14 0.14 IAC,R 120 Hz 85 C mA 143 145 180 192 232 250 284 305 393 18 24 29 39 46 53 54 67 69 70 76 80 132 175 210 214 246 265 324 1.0 2.0 2.8 4.0 8.4 13 17 18 20 30 33 43 44
B41112
Ordering code
B41112B5107M000 B41112C5107M000 B41112A5107M000 B41112A5157M000 B41112A5227M000 B41112B5227M000 B41112A5337M000 B41112B5337M000 B41112A5477M000 B41112A7475M000 B41112A7106M000 B41112B7106M000 B41112A7226M000 B41112B7226M000 B41112A7336M000 B41112B7336M000 B41112C7336M000 B41112A7476M000 B41112B7476M000 B41112C7476M000 B41112A7566M000 B41112C7107M000 B41112A7107M000 B41112B7107M000 B41112A7157M000 B41112A7227M000 B41112B7227M000 B41112A7337M000 B41112A6104M000 B41112A6224M000 B41112A6334M000 B41112A6474M000 B41112A6105M000 B41112A6225M000 B41112A6335M000 B41112A6475M000 B41112B6475M000 B41112A6106M000 B41112B6106M000 B41112A6226M000 B41112B6226M000
35
50
Please read Cautions and warnings and Important notes at the end of this document.
9
04/08
SMD capacitors Standard series - 85 C
Technical data and ordering codes VR V DC 50 CR 120 Hz 20 C F 22 33 33 33 47 47 47 56 100 100 150 220 0.1 0.22 0.33 0.47 1.0 2.2 3.3 4.7 10 10 22 22 33 47 56 100 3.3 3.3 4.7 4.7 10 10 22 22 33 Case dimensions dxl mm 8 6.3 8 8 6.3 8 10 8 8 10 10 10 4 4 4 4 4 4 4 4 6.3 6.3 6.3 8 8 8 8 10 6.3 8 6.3 8 6.3 8 8 10 10 x 6.2 x 7.7 x 6.2 x 10 x 7.7 x 10 x 10 x 10 x 10 x 10 x 10 x 10 x 5.4 x 5.4 x 5.4 x 5.4 x 5.4 x 5.4 x 5.4 x 5.4 x 5.4 x 5.8 x 7.7 x 10 x 10 x 10 x 10 x 10 x 7.7 x 6.2 x 7.7 x 10 x 7.7 x 10 x 10 x 10 x 10 tan max 120 Hz 20 C 0.12 0.14 0.12 0.12 0.14 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.18 0.18 0.18 0.18 0.18 0.18 0.18 0.18 0.18 0.18 0.18 0.18 0.18 0.18 0.18 0.18 0.18 0.18 0.18 0.18 0.18 0.18 0.18 0.18 0.18 IAC,R 120 Hz 85 C mA 56 94 95 110 105 132 146 150 181 195 238 289 1.0 2.3 3.5 5.0 10 15 20 23 34 35 70 78 160 170 230 280 28 31 35 51 50 85 90 120 190
B41112
Ordering code
B41112C6226M000 B41112B6336M000 B41112C6336M000 B41112A6336M000 B41112C6476M000 B41112A6476M000 B41112B6476M000 B41112A6566M000 B41112A6107M000 B41112B6107M000 B41112A6157M000 B41112A6227M000 B41112A8104M000 B41112A8224M000 B41112A8334M000 B41112A8474M000 B41112A8105M000 B41112A8225M000 B41112A8335M000 B41112A8475M000 B41112A8106M000 B41112B8106M000 B41112B8226M000 B41112A8226M000 B41112A8336M000 B41112A8476M000 B41112A8566M000 B41112A8107M000 B41112A9335M000 B41112B9335M000 B41112A9475M000 B41112B9475M000 B41112B9106M000 B41112A9106M000 B41112A9226M000 B41112B9226M000 B41112A9336M000
63
100
Please read Cautions and warnings and Important notes at the end of this document.
10
04/08
Cautions and warnings
General Also see "Important notes" on page 13. 1 Aluminum electrolytic capacitors have a bi-polar structure. This is marked on the body of the capacitor. A capacitor must not be mounted with reversed polarity. The application of an AC or reverse voltage may cause a short circuit or damage the capacitor. Bi-polar capacitors must not be used in AC applications, where the polarity may be reversed in the circuits or is unknown. The DC voltage applied to the capacitor terminal must not exceed its rated operating voltage, as this will result in a rapid increase of the leakage current and may damage the capacitor. It is recommended to operate the capacitor at 70-80% of its rated voltage to optimize its service life. The ripple current applied to the capacitor must be within the permitted range. An excessive ripple current leads to impaired electrical properties and may damage the capacitor. Note that the sum of the peak values of the ripple voltage and the DC operating voltage must not exceed the rated DC voltage. Capacitors must be used within their permitted range of operating temperature. Operation at room temperature optimizes their service life. Capacitors with case diameter 8 mm are equipped with a safety vent. In capacitors fitted with a lead or soldering lug, the safety vent is usually located at the base of the case. It needs sufficient space around it to operate optimally. The following dimensions are recommended: for case diameter d = 8 to 16 mm, more than 2 mm; for d =18 to 35 mm, more than 3 mm; and for d = 42 mm or more, more than 5 mm. Capacitors should not be mounted with the safety vent face down on the board. Do not locate any wire or copper trace near the safety vent. Do not reverse the voltage, as this may result in excess pressure and the leakage of electrolyte. Gas is released through the safety vent when the pressure inside the capacitor is too high. A gaseous liquid around the safety vent does not indicate a leakage of electrolyte. The capacitor should be stored under conditions of normal temperature and in a non-acid, non-alkali environment of normal humidity. Exposure to high temperatures, for example under direct sunlight, will reduce its operating life. If the capacitor is stored in an environment containing acids or alkalis, the solderability of the leads may be affected. The leakage current of an aluminum electrolytic capacitor may increase after a long period of storage. After such storage, the capacitor must be aged by applying the rated operating voltage for 6-8 hours before use. Manual soldering: a Soldering must be performed within the specified conditions. Bit temperature: 350 C; application time of soldering iron: 3 seconds. b Ensure that the soldering iron does not touch any part of the capacitor body.
2
3
4 5
6
7 8
9
10
Please read Cautions and warnings and Important notes at the end of this document.
11
04/08
Cautions and warnings
11
Do not apply excessive force to the leads and terminals. Do not move the capacitor after soldering it onto the PC board and do not carry the PC board by gripping the capacitor. Observe the following rules to prevent undue stress to the capacitor: a Do not tilt or bend the capacitor after soldering. b Ensure that the terminal spacing matches the corresponding hole spacing on the PC board.
12
The aluminum case is not insulated from the cathode. Do not place a conductor under the aluminum capacitors on the PC board as this may cause a short circuit. The case and top of capacitors used in switched mode power supplies have a high-voltage-resistant heat shrink sleeve to ensure safe usage. The leads of capacitors with a case diameter exceeding 14 mm cannot be used for fixing.
13
Please read Cautions and warnings and Important notes at the end of this document.
12
04/08
Important notes
Important notes
The following applies to all products named in this publication: 1. Some parts of this publication contain statements about the suitability of our products for certain areas of application. These statements are based on our knowledge of typical requirements that are often placed on our products in the areas of application concerned. We nevertheless expressly point out that such statements cannot be regarded as binding statements about the suitability of our products for a particular customer application. As a rule, EPCOS is either unfamiliar with individual customer applications or less familiar with them than the customers themselves. For these reasons, it is always ultimately incumbent on the customer to check and decide whether an EPCOS product with the properties described in the product specification is suitable for use in a particular customer application. 2. We also point out that in individual cases, a malfunction of electronic components or failure before the end of their usual service life cannot be completely ruled out in the current state of the art, even if they are operated as specified. In customer applications requiring a very high level of operational safety and especially in customer applications in which the malfunction or failure of an electronic component could endanger human life or health (e.g. in accident prevention or life-saving systems), it must therefore be ensured by means of suitable design of the customer application or other action taken by the customer (e.g. installation of protective circuitry or redundancy) that no injury or damage is sustained by third parties in the event of malfunction or failure of an electronic component. 3. The warnings, cautions and product-specific notes must be observed. 4. In order to satisfy certain technical requirements, some of the products described in this publication may contain substances subject to restrictions in certain jurisdictions (e.g. because they are classed as hazardous). Useful information on this will be found in our Material Data Sheets on the Internet (www.epcos.com/material). Should you have any more detailed questions, please contact our sales offices. 5. We constantly strive to improve our products. Consequently, the products described in this publication may change from time to time. The same is true of the corresponding product specifications. Please check therefore to what extent product descriptions and specifications contained in this publication are still applicable before or when you place an order. We also reserve the right to discontinue production and delivery of products. Consequently, we cannot guarantee that all products named in this publication will always be available. The aforementioned does not apply in case of individual agreements deviating from the foregoing for customer-specific products. 6. Unless otherwise agreed in individual contracts, all orders are subject to the current version of the "General Terms of Delivery for Products and Services in the Electrical Industry" published by the German Electrical and Electronics Industry Association (ZVEI). 7. The trade names EPCOS, BAOKE, Alu-X, CeraDiode, CSSP, CTVS, DSSP, MiniBlue, MKK, MLSC, MotorCap, PCC, PhaseCap, PhaseMod, SIFERRIT, SIFI, SIKOREL, SilverCap, SIMDAD, SIMID, SineFormer, SIOV, SIP5D, SIP5K, ThermoFuse, WindCap are trademarks registered or pending in Europe and in other countries. Further information will be found on the Internet at www.epcos.com/trademarks.
13
04/08


▲Up To Search▲   

 
Price & Availability of B41112A9226M000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X